Part Number Hot Search : 
N6113 C1207 LRS1338A AT45DB01 C1165 300102 IRF7805 2N5425
Product Description
Full Text Search
 

To Download APM4500AK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d u a l e n h a n c e m e n t m o d e m o s f e t ( n - a n d p - c h a n n e l ) c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 4 5 0 0 a k f e a t u r e s a p p l i c a t i o n s p o w e r m a n a g e m e n t i n n o t e b o o k c o m p u t e r , p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n - c h a n n e l n - c h a n n e l 2 0 v / 8 a , r d s ( o n ) = 2 2 m w ( t y p . ) @ v g s = 4 . 5 v r d s ( o n ) = 3 0 m w ( t y p . ) @ v g s = 2 . 5 v p - c h a n n e l - 2 0 v / - 4 . 3 a , r d s ( o n ) = 8 0 m w ( t y p . ) @ v g s = - 4 . 5 v r d s ( o n ) = 1 0 5 m w ( t y p . ) @ v g s = - 2 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) p - c h a n n e l t o p v i e w o f s o p - 8 note: anpec lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with rohs. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j-std-020c for msl classification at lead-free peak reflow temperature. anpec defines ?green? to mean lead-free (rohs compliant) and halogen free (br or cl does not exceed 900ppm by weight in homogeneous material and total of br and cl does not exceed 1500ppm by weight). p o r t a b l e e q u i p m e n t a n d b a t t e r y p o w e r e d s y s t e m s . apm4500a handling code temp. range package code apm4500a k : apm4500a xxxxx xxxxx - date code assembly material package code k : sop-8 operating junction temp. range c : -55 to 150 c handling code tr : tape & reel assembly material l : lead free device g : halogen and lead free device g1 s1 d1 d1 (8) (7) (2) (1) s1 g1 s2 g2 d1 d1 d2 d2 g2 s2 d2 d2 (6) (5) (4) (3)
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 2 a p m 4 5 0 0 a k a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter n channel p channel unit v dss drain - source voltage 20 - 20 v gss gate - source voltage 12 12 v i d * c ontinuous drain current 8 - 4.3 i dm * pulsed drain current v gs =10v(n) v gs = - 10v(p) 30 - 16 a i s * diode continuous forward current 2.5 - 2 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 2 p d * power dissipation t a =100 c 0.8 w r q ja * thermal resistance - junction to ambient 62.5 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm 4500 a k symbol parameter test condition s min. typ. max. unit static characteristics v gs =0v, i ds =250 m a n - ch 20 - - bv dss drain - source breakdown voltage v gs =0v, i ds = - 250 m a p - ch - 20 - - v v ds = 16 v, v gs =0v - - 1 i dss zero gate voltage drain current t j =85 c n - ch - - 30 v ds = - 16 v, v gs =0v - - - 1 i dss zero gate voltage drain current t j =85 c p - ch - - - 30 m a v ds =v gs , i ds =250 m a n - ch 0.5 0.7 1 v gs(th) gate threshold voltage v ds =v gs , i ds = - 250 m a p - ch - 0.5 - 0.75 - 1 v n - ch - - 10 i gss gate leakage curre nt v gs = 10 v, v ds =0v p - ch - - 10 m a v gs = 4.5 v, i ds = 8 a n - ch - 22 26 v gs = - 4.5 v, i ds = - 4.3 a p - ch - 80 90 v gs = 2 .5v, i ds = 5.2 a n - ch - 30 36 r ds(on) a drain - source on - s tate resistance v gs = - 2. 5v, i ds = - 2 a p - ch - 105 115 m w
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 3 a p m 4 5 0 0 a k e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm 4500 a k symbol parameter test condition s min. typ. max. unit diode characteristics i sd = 2.5 a, v gs =0v n - ch - 0.8 1.3 v sd a diode forward voltage i sd = - 2 a, v gs =0v p - ch - - 0. 7 - 1.3 v n - ch - 15 - t rr reverse recovery time p - ch - 22 - ns n - ch - 7 - q rr reverse recovery charge n - channel i s d = - 8a , dl sd /dt = 100a/ s p - channel i s d = - 4.3a , dl sd /dt = 100a/ s p - ch - 6 - nc dynamic characteristics b n - ch - 4 - r g gate r esistance v gs = 0 v,v ds =0v ,f=1mhz p - ch - 9 - w n - ch - 740 - c iss input capacitance p - ch - 565 - n - ch - 160 - c oss output capacitance p - ch - 125 - n - ch - 125 - c rss reverse transfer capacitance n - chan nel v gs =0v, v ds =10v, f requency =1.0mhz p - channel v gs =0v, v ds = - 10v, f requency =1.0mhz p - ch - 95 - pf n - ch - 5 10 t d(on) turn - on delay time p - ch - 6 12 n - ch - 11 21 t r turn - on rise time p - ch - 13 24 n - ch - 40 73 t d(off) turn - off delay time p - ch - 34 62 n - ch - 23 42 t f turn - off fall time n - channel v dd = 10 v, r l = 10 w , i d s = 1 a, v gen = 4.5v , r g = 6 w p - channel v dd = - 10 v, r l = 10 w , i d s = - 1 a, v gen = - 4.5v , r g = 6 w p - ch - 32 59 ns gate charge characteristics b n - ch - 10 13 q g total gate charge p - ch - 6 8 n - ch - 1 - q gs gate - source char ge p - ch - 1 - n - ch - 4 - q gd gate - drain charge n - channel v ds = 10 v, v gs = 4.5 v, i d s = 8 a p - channel v ds = - 10 v, v gs = - 4.5 v, i d s = - 4.3 a p - ch - 2.2 - nc notes: a : pulse test ; pulse width 3 00 m s, duty cycle 2%. b : guaranteed by design, not subject to production testing.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 4 a p m 4 5 0 0 a k t y p i c a l c h a r a c t e r i s t i c s i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) i d - drain current (a) n - c h a n n e l normalized transient thermal resistance 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20 40 60 80 100 120 140 160 0 2 4 6 8 10 t a =25 o c,v g =4.5v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 5 a p m 4 5 0 0 a k r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e v d s - d r a i n - s o u r c e v o l t a g e ( v ) i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s d r a i n - s o u r c e o n r e s i s t a n c e v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds(on) - on - resistance (m w ) normalized threshold voltage t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) n - c h a n n e l 1 2 3 4 5 6 7 8 9 10 10 15 20 25 30 35 40 i d =8a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 2 4 6 8 10 12 14 16 18 20 2.5v 1.5v 2v v gs = 3, 4, 5, 6, 7, 8, 9, 10v 0 4 8 12 16 20 0 10 20 30 40 50 60 v gs =4.5v v gs =2.5v -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds =250 m a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 6 a p m 4 5 0 0 a k v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) v gs - gate - source voltage (v) t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) n - c h a n n e l -50 -25 0 25 50 75 100 125 150 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 v gs = 4.5v i ds = 8a r on @t j =25 o c: 22m w 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 10 30 t j =150 o c t j =25 o c 0 4 8 12 16 20 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 frequency=1mhz crss coss ciss 0 4 8 12 16 20 0 1 2 3 4 5 6 7 8 9 10 v ds =10v i ds =8a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 7 a p m 4 5 0 0 a k t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) -i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a - v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) -i d - drain current (a) p - c h a n n e l normalized transient thermal resistance 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 t a =25 o c,v g =-4.5v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 rds(on) limit 1s t a =25 o c 10ms 1ms 100ms dc 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 8 a p m 4 5 0 0 a k t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e - i d - d r a i n c u r r e n t ( a ) - v d s - d r a i n - s o u r c e v o l t a g e ( v ) -i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e d r a i n - s o u r c e o n r e s i s t a n c e - v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds(on) - on - resistance (m w ) normalized threshold voltage p - c h a n n e l 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 2 4 6 8 10 12 14 16 18 20 -3v -2v -1.5v v gs = -4,-5,-6,-7 -8,-9,-10v 0 4 8 12 16 20 20 40 60 80 100 120 140 160 180 200 v gs = -2.5v v gs = -4.5v 1 2 3 4 5 6 7 8 9 10 20 40 60 80 100 120 140 160 i d = -4.3a -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds = -250 m a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 9 a p m 4 5 0 0 a k t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) - v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d -i s - source current (a) - v d s - d r a i n - s o u r c e v o l t a g e ( v ) c - capacitance (pf) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) -v gs - gate - source voltage (v) p - c h a n n e l 0.0 0.3 0.6 0.9 1.2 1.5 1.8 0.1 1 10 20 t j =150 o c t j =25 o c 0 4 8 12 16 20 0 100 200 300 400 500 600 700 800 frequency=1mhz crss coss ciss 0 2 4 6 8 10 12 0 1 2 3 4 5 6 7 8 9 10 v ds = -10v i ds = -4.3a -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v gs = -4.5v i ds = -4.3a r on @t j =25 o c: 80m w
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 0 a p m 4 5 0 0 a k p a c k a g e i n f o r m a t i o n s o p - 8 s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 d e e e 1 see view a c b h x 4 5 a a 1 a 2 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 1 a p m 4 5 0 0 a k c a r r i e r t a p e & r e e l d i m e n s i o n s d e v i c e s p e r u n i t package type unit quantity sop - 8 tape & reel 2500 application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.4 0 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm) h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 2 a p m 4 5 0 0 a k test item method description solderability mil - std - 883d - 2003 245 c, 5 sec holt mil - std - 883d - 1005.7 1000 hrs bias @125 c pct jesd - 22 - b, a102 168 hrs, 100 % rh, 121 c tst mil - std - 883d - 1011.9 - 65 c~150 c, 200 cycles r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classification temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/sec ond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package. measured on the body surface. r e l i a b i l i t y t e s t p r o g r a m t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 t e m p e r a t u r e time critical zone t l to t p
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - m a y . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 3 a p m 4 5 0 0 a k table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. table 1. snpb eutectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c c l a s s i f i c a t i o n r e f l o w p r o f i l e s ( c o n t . ) c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838


▲Up To Search▲   

 
Price & Availability of APM4500AK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X